Part Number Hot Search : 
135P00L1 90HBW10T BF775 H103J 3EH15 DT74FCT DS2D6CQ3 BUW49
Product Description
Full Text Search
 

To Download MAL212015332E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
FEATURES
* Polarized
aluminum electrolytic capacitors, non-solid electrolyte case,
* Axial leads, cylindrical aluminum insulated with a blue sleeve
RoHS
COMPLIANT
* Mounting ring version not available in insulated form
Fig.1 Component outlines
* Taped versions up to case O 15 x 30 mm available for automatic insertion * Charge and discharge proof * Extra long useful life: up to 8000 hours at 125 C, high reliability * Lowest ESR levels providing very high ripple current capability * Extended temperature range: usable up to 150 C * Miniaturized, high CV-product per unit volume * Lead diameter O d = 1.0 mm, available on request
* Lead (Pb)-free versions are RoHS compliant
138 AML
105 C 118 AHT 125 C lower ESR higher ripple 120 ATC 125 C lower ESR higher ripple 119 AHT-DIN 125 C
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 150 C Endurance test at 125 C Useful life at 125 C Useful life at 85 C, 1.4 x IR applied Shelf life at 0 V, 125 C Shelf life at 0 V, 150 C Based on sectional specification Climatic category IEC 60068 VALUE 10 x 30 to 21 x 38 47 to 6800 F 20 % 16 to 100 V - 40 to + 125 C 1000 hours 4000 hours 8000 hours 40 000 hours 1000 hours (100 V: 500 hours) 63 V: 500 hours IEC 60384-4/EN130300 40/125/56
APPLICATIONS
* Automotive, industrial and telecommunication * Smoothing, filtering, buffering * Low mounting height applications, vibration and shock resistant
* SMPS and standard power supplies
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Upper category temperature (125 C) * Date code in accordance with IEC 60062 * Code for factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive terminal
* Series number (120)
www.vishay.com 244
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336 Revision: 21-Apr-08
120 ATC
Aluminum Capacitors Vishay BCcomponents Axial High Temperature, High Ripple Current
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZE (O D x L in mm)
CR (F) 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 UR (V) 16 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 40 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 63 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 100 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 1.6 OD L Od
I
L
33 1
OD
+
F
F Form BR: Taped on reel, non-preferred case O D x L = 10 x 30 to 15 x 30 mm
Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.2 Form BR
Fig.3 Form AA
Document Number: 28336 Revision: 21-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 245
120 ATC
Vishay BCcomponents
Table 1
Aluminum Capacitors Axial High Temperature, High Ripple Current
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL (mm) 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 0.8 0.8 0.8 0.8 0.8 0.8 55 1 55 1 55 1 55 1 34 1 34 1 10.5 13.0 15.5 18.5 18.5 21.5 30.5 30.5 30.5 30.5 39.5 39.5 35 35 35 35 44 44 4.8 7.4 11.7 12.9 19.0 24.0 O d () I O Dmax. Lmax. Fmin. AXIAL: FORM AA AND BR MASS (g) PACKAGING QUANTITIES FORM AA 340 260 200 120 125 100 FORM BR 500 400 250 -
Note Lead diameter O d = 1.0 mm, available on request. Detailed tape dimensions see section `PACKAGING'.
D 120 C (3 x) D3 90 2 (3 x) 1.05 + 0.03 (3 x) - 0.1 d2 1.3 + 0.1 (3 x) 0 Mounting holes O d1 Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations O D2 1.3 + 0 (3 x) - 0.05 3.6 + 0.2 - 0.2 L
+ 1.0 - 0.5
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 02 03 04 05 O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 MOUNTING RING: FORM MR O Dmax. 15.5 18.5 18.5 21.5 O D2max. 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 8.6 11.5 14.0 19.2 PACKAGING QUANTITIES 200 240 100 100
www.vishay.com 246
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336 Revision: 21-Apr-08
120 ATC
Aluminum Capacitors Vishay BCcomponents Axial High Temperature, High Ripple Current
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z Note Unless otherwise specified, all electrical values in Table 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 3 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 10 kHz, 125 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR equivalent series resistance at 100 Hz (calculated from tan max and CR) max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 120 series 1000 F/16 V; 20 % Nominal case size: O 12.5 x 30 mm; Form BR Ordering code: MAL212025102E3 Former 12NC: 2222 120 25102
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 680 1000 1500 2200 3300 4700 6800 470 680 1000 1500 2200 3300 4700 220 330 470 680 1000 1500 2200 100 150 220 330 470 680 1000 47 68 100 150 220 330 470 NOMINAL CASE SIZE ODxL (mm) 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 IR 10 kHz 125 C (mA) 2100 2550 2650 2940 3430 4350 4590 2100 2550 2600 2890 3310 4350 4470 1990 2430 2550 2840 3150 4130 4170 1560 2050 2150 2510 2860 3720 3780 760 1030 1140 1480 1960 2550 2800 MAX. TYP. IL5 IL1 ESR ESR 1 MIN 5 MIN 100 Hz 100 Hz (A) (A) (m) (m) 171 232 328 462 674 942 1346 181 244 340 490 700 1030 1450 146 198 266 366 520 760 1096 116 153 206 289 395 554 796 96 122 160 220 304 436 604 84 104 136 181 251 341 475 87 108 140 190 260 370 510 75 93 115 149 200 280 392 65 78 95 123 158 211 292 59 67 80 100 128 172 228 106 77 60 48 41 27 26 112 81 64 49 43 28 27 192 130 101 75 59 39 34 297 195 149 105 81 55 44 760 531 389 266 181 120 92 177 128 100 79 68 45 43 187 136 107 82 71 47 44 320 216 169 125 99 65 56 495 325 249 175 135 92 74 1269 885 648 443 302 200 154 TYP. ESR 10 kHz (m) 44 35 32 28 26 18 18 45 35 32 28 27 18 18 52 37 35 30 28 19 19 92 61 55 44 38 26 25 349 246 196 137 95 62 52 MAX. ESR 10 kHz (m) 74 58 53 46 43 29 29 74 59 53 46 44 29 29 87 62 58 50 47 31 31 154 102 92 73 64 43 41 581 410 327 229 158 104 86 Z MAX. 10 kHz (m) 78 61 53 46 43 29 29 84 64 55 46 44 29 29 124 83 70 55 49 32 31 249 162 126 91 74 49 43 720 503 381 262 179 117 94 ORDERING CODE MAL2120....... IN BOX FORM AA 15681E3 15102E3 15152E3 15222E3 15332E3 15472E3 15682E3 16471E3 16681E3 16102E3 16152E3 16222E3 16332E3 16472E3 17221E3 17331E3 17471E3 17681E3 17102E3 17152E3 17222E3 18101E3 18151E3 18221E3 18331E3 18471E3 18681E3 18102E3 19479E3 19689E3 19101E3 19151E3 19221E3 19331E3 19471E3 TAPED ON REEL FORM BR 25681E3 25102E3 25152E3 25222E3 26471E3 26681E3 26102E3 26152E3 27221E3 27331E3 27471E3 27681E3 28101E3 28151E3 28221E3 28331E3 29479E3 29689E3 29101E3 29151E3 MOUNTING RING FORM MR 45222E3 45332E3 45472E3 45682E3 46152E3 46222E3 46332E3 46472E3 47681E3 47102E3 47152E3 47222E3 48331E3 48471E3 48681E3 48102E3 49151E3 49221E3 49331E3 49471E3
16
25
40
63
100
Document Number: 28336 Revision: 21-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 247
120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) After 1 minute at UR After 5 minutes at UR Case O D x L mm: 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 CONDITIONS VALUE AXIAL Us 1.15 x UR Urev 1 V IL1 0.012 CR x UR + 40 A IL5 0.004 CR x UR + 40 A MOUNTING RING
typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH
typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
CAPACITANCE (C)
1.2 C C0 1.1
EQUIVALENT SERIES RESISTANCE (ESR)
10 ESR ESR0
1.0
1
1 2 3 4 Curve 1: All case sizes; 100 Hz Curve 2: Case O D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz Curve 3: Case O D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz Curve 4: Case O D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz
0.9
0.8 - 40 - 20 0 - 20 - 40 - 60 - 80 - 100 - 120 - 140 - 160 Tamb (C)
10-1 - 40 - 20 0 - 20 - 40 - 60 - 80 - 100 - 120 - 140 - 160
All voltages; all case sizes C0 = capacitance at 20 C, 100 Hz
40 V types ESR0 = typical at 20 C
Tamb (C)
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
10 ESR ESR0 102 ESR ESR0 10 1 1 2 3 1 Curve 1: All case sizes; 100 Hz 4 Curve 2: Case O D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz Curve 3: Case O D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz Curve 4: Case O D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz - 20 0 - 20 - 40 - 60 - 80 - 100 - 120 - 140 - 160
Fig.6 Typical multiplier of ESR as a function of ambient temperature at different frequencies
1 2 Curve 1: All case sizes; 100 Hz 3 Curve 2: Case O D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz Curve 3: Case O D x L = 10 x 30 and 18 x 30 mm; 10 to 100 kHz - 20 0 - 20 - 40 - 60 - 80 - 100 - 120 - 140 - 160
10-1 - 40
10-1 - 40
63 V types ESR0 = typical at 20 C
Tamb (C)
100 V types ESR0 = typical at 20 C
Tamb (C)
Fig.7 Typical multiplier of ESR as a function of ambient temperature at different frequencies
www.vishay.com 248
Fig.8 Typical multiplier of ESR as a function of ambient temperature at different frequencies
Document Number: 28336 Revision: 21-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
120 ATC
Aluminum Capacitors Vishay BCcomponents Axial High Temperature, High Ripple Current
RIPPLE CURRENT AND USEFUL LIFE
JW64
3.6 I A 3.5 IR 3.4 3.3 3.2 3.1 3.0
2.8
2.6 2.4 2.2 2.0
2. 0
lifetime multiplier
5 12 0. 5 2 0. 5 0. 1.5
1.
0
1.8
4.
6.
3. 0 0
1.6 1.4 1.2 1.0 0.8 0.5 0.0 40
60 10 20 30
0
IA = actual ripple current at 10 kHz IR = rated ripple current at 10 kHz, 125 C
(1)
(1)
.
130 140 150 Tamb (C)
8. 0 12
0
20 0 40 0
Useful life at 125 C and IR applied: 8000 hours
50
60
70
80
90
100
110
120
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
IR MULTIPLIER FREQUENCY (Hz) 50 100 300 1000 3000 10 000 UR = 16 to 40 V CASE SIZES 10 x 30 to 15 x 30 mm 0.37 0.48 0.69 0.86 0.96 1.00 UR = 16 to 40 V CASE SIZES 18 x 30 to 21 x 38 mm 0.54 0.63 0.75 0.81 0.87 1.00 UR = 63 and 100 V CASE SIZES 10 x 30 to 15 x 30 mm 0.23 0.32 0.53 0.77 0.93 1.00 UR = 63 and 100 V CASE SIZES 18 x 30 to 21 x 38 mm 0.44 0.56 0.76 0.88 0.94 1.00
Document Number: 28336 Revision: 21-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 249
120 ATC
Vishay BCcomponents
Table 5
Aluminum Capacitors Axial High Temperature, High Ripple Current
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (QUICK REFERENCE) Tamb = 125 C; UR applied; 4000 hours Tamb = 150 C; UR applied; 1000 hours Useful life CECC 30301 subclause 1.8.1 Tamb = 125 C; UR and IR applied; 8000 hours REQUIREMENTS C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit Tamb = 125 C; no voltage applied; 1000 hours (100 V: 500 hours) Tamb = 150 C; no voltage applied; 500 hours for voltages: 63 V after test: UR to be applied for 30 minutes, Reverse voltage IEC 60384-4/ EN130300 subclause 4.15 Vibration IEC 60068-2 subclause 4.15 test method Fc 24 to 48 hours before measurement Tamb = 125 C: 125 hours at U = - 1 V followed by 125 hours at UR 10 to 2000 Hz; 1.5 mm or 20 g (whichever is less severe); in 3 directions; 2.5 hours per direction C/C: 20 % tan spec. limit IL5 spec. limit no visible damage; no leakage of electrolyte; markings legible C/C: 5 % with respect to initial measurement total failure percentage: 1 % C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
www.vishay.com 250
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336 Revision: 21-Apr-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL212015332E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X